Part Number Hot Search : 
GBJ35 39100 AP131 MIP0223S G5U1118 39100 HMC59 74VHC00
Product Description
Full Text Search
 

To Download GBJ810-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ8005 - GBJ810
8.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * *
Glass Passivated Die Construction High Case Dielectric Strength of 1500VRMS Low Reverse Leakage Current Surge Overload Rating to 170A Peak Ideal for Printed Circuit Board Applications UL Listed Under Recognized Component Index, File Number E94661 K Lead Free Finish/RoHS Compliant (Note 4) Dim A B C D E G GBJ Min 29.70 19.70 17.00 3.80 7.30 9.80 2.00 0.90 2.30 4.40 3.40 3.10 2.50 0.60 10.80 Max 30.30 20.30 18.00 4.20 7.70 10.20 2.40 1.10 2.70 4.80 3.80 3.40 2.90 0.80 11.20
L A M
B
Mechanical Data
* * * * * * * * * *
Case: GBJ Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Plated Leads, Solderable per MIL-STD-202, Method 208 e3 Lead Free Plating (Tin Finish). Polarity: Molded on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 in-lbs Maximum Marking: Type Number Weight: 6.6 grams (approximate)
_
J D H I C
S P R
N
H I J K L M N P R S
3.0 X 45
G
E
E
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Rectified Output Current @ TC = 110C Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load Forward Voltage per element Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t < 8.3ms) (Note 1) Typical Total Capacitance per Element (Note 2) Typical Thermal Resistance Junction to Case (Note 3) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2 t CT RqJC Tj, TSTG
GBJ 8005 50 35
GBJ 801 100 70
GBJ 802 200 140
GBJ 804 400 280 8.0 170 1.0 5.0 500 120 55 1.6 -65 to +150
GBJ 806 600 420
GBJ 808 800 560
GBJ 810 1000 700
Unit V V A A V mA A2 s pF C/W C
@ IF = 4.0A @ TC = 25C @ TC = 125C
Non-repetitive, for t > 1.0ms and < 8.3ms. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. Thermal resistance from junction to case per element. Unit mounted on 100 x 100 x 1.6mm aluminum plate heat sink. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS21217 Rev. 7 - 2
1 of 3 www.diodes.com
GBJ8005-GBJ810
a Diodes Incorporated
8
With heatsink
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
10
IO, AVERAGE RECTIFIED CURRENT (A)
1.0
6
4
Without heatsink
0.1
2
Resistive or Inductive load
Tj = 25 C
0 25 50 75 100 125 150 TC, CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
0.01 0 0.4 0.8 1.2 1.6 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FORWARD SURGE CURRENT (A)
180
Single half-sine-wave
100
160
CT, TOTAL CAPACITANCE (pF)
Tj = 150 C
Tj = 25 C f = 1MHz
120
10
80
40
0 1 100 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
1000
1 1 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance (per element)
100
Tj = 125 C
Tj = 100 C
10
1.0
Tj = 50 C
Tj = 25 C
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS21217 Rev. 7 - 2
2 of 3 www.diodes.com
GBJ8005-GBJ810
Ordering Information
Device GBJ8005-F GBJ801-F GBJ802-F GBJ804-F GBJ806-F GBJ808-F GBJ810-F
Notes:
(Note 5) Packaging GBJ GBJ GBJ GBJ GBJ GBJ GBJ Shipping 15/Tube 15/Tube 15/Tube 15/Tube 15/Tube 15/Tube 15/Tube
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap2008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS21217 Rev. 7 - 2
3 of 3 www.diodes.com
GBJ8005-GBJ810


▲Up To Search▲   

 
Price & Availability of GBJ810-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X